Part Number Hot Search : 
SI8610 3ECSD 28020 5N03L HCF4052B 12800 WPN30R APD240
Product Description
Full Text Search
 

To Download 8403-45R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial and commercial heavy service ever-lok current rating bushing max. awg size 30 g " #8, -7 strand or flexible 60 1 i " #4, -7 strand or flexible 100 1 d " #2, -7 strand or flexible hsf series configuration basic receptacle hsa series* 30 amp 2p, 3w 8407 8443 hsf8403 8403 3p, 4w 8408 8444 hsf8404 8404 60 amp 2p, 3w 8417 8453 hsf8413 8413 3p, 4w 8418? 8454 hsf8414 8414 100 amp 3p, 4w 8428-72 8464-72 hsf8424-72 8424-72 current rating std. size max. size 30 1" 1 b " 60 1" 1" 100 2" 2" cable conduit adapters: see page 93. ?note: 9418/f27194 automotive 480vac version outlet location: standard series 30 & 60 amp 100 amp box is square and may be rotated to bring outlets into desired position. note: reverse service available by adding ??suffix to catalog number. solder lugs on 100 amp only. connectors can be furnished with conduit adapters to accommodate rigid conduit or standard connectors for armored and non-metallic cable or flexible conduit. see page 93. * can be furnished with 45 angle adapter when specified on order. add suffix -45 to catalog number. flap covers are standard on all receptacles. b std. a c d b std. a d heavy service ever-lok ?ordering information plugs connectors receptacles std. cable bushing (see page 10 for other bushings) conduit size 108 2001 thomas & betts corporation. specifications are subject to change without notice. www.tnb.com


▲Up To Search▲   

 
Price & Availability of 8403-45R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X